Part Number Hot Search : 
MAH16045 1205100K MAX9990 7808A 045CT CD3821 CQ208B 1209S
Product Description
Full Text Search
 

To Download HER103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101 THRU HER108
1.0 AMP. High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-41
Mechanical Data
Cases: Molded plastic DO-41 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.34gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HER HER HER HER HER HER HER HER Type Number 101 102 103 104 105 106 107 108
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current TA=25 at Rated DC Blocking Voltage TA=100 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 )
Units
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJA TJ
50 35 50
100 200 300 400 600 800 1000 70 140 210 280 420 560 700 100 200 300 400 600 800 1000 1.0 30 1.0 1.3 5.0 100 50 25 70 -65 to +150 -65 to +150 75 20 1.7
V V V A A V uA uA nS pF /W
Operating Temperature Range Storage Temperature Range
TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on PCB.
- 314 -
RATINGS AND CHARACTERISTIC CURVES (HER101 THRU HER108)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
AVERAGE FORWARD CURRENT. (A)
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING
2.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
1.0
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 0 25 50 75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
Tj=100 0C 10 Tj=75 0C
HER105
1
1
0.1
HER101-HER104
Tj=25 0C
HER106-HER108
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 FORWARD VOLTAGE. (V) 1.2 1.4
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40 70
FIG.6- TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT. (A)
30 25 20 15 10 0
JUNCTION CAPACITANCE.(pF)
35
60 50 40 30
HE
8.3ms Single Half Sine Wave JEDEC Method
HE
R1 06 ~H ER
R1
20
01
~H
ER
10
10
5
8
10 0 0.1 0.5 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
- 315 -


▲Up To Search▲   

 
Price & Availability of HER103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X